Part Number Hot Search : 
GC1501 SR205 331M10 BFC505 36ACP 2SK24F EB13C5 84063261
Product Description
Full Text Search
 

To Download BU2624 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
PLL frequency synthesizer for tuners
BU2624AF
The BU2624AF is a PLL frequency synthesizer IC designed for use in car stereos, high-fidelity audio systems, and CD radio cassettes. Featuring low current dissipation, low superfluous radiation, two frequency measurement counter systems, and two phase comparison outputs, this chip is ideal for high-performance multi-band systems. FApplications Car stereos, high-fidelity audio systems, radio cassettes, receivers, and other frequency generating devices FFeatures 1) Built-in high-speed prescaler can divide 130MHzVCO. 2) Low current dissipation (during operation: 6.0mA, PLL OFF: 300A Typ.) 3) Seven standard frequencies: 50kHz, 25kHz, 12.5kHz, 10kHz, 9kHz, 5kHz, and 1kHz. 4) Two counters for intermediate frequency detection FAbsolute maximum ratings (Ta = 25_C)
5) 6) 7) 8) 9) 10)
Unlock detection circuit Five output ports (open drain) SD input port Two charge pump outputs Serial data input (CE, CK, DA) Control of phase comparison output
FRecommended operating conditions (Ta = 25_C)
161
Audio ICs
FBlock diagram
BU2624AF
162
Audio ICs
FPin descriptions
BU2624AF
163
Audio ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VDD = 5.0V)
BU2624AF
164
Audio ICs
FCircuit operation Input data format
BU2624AF
Output data format
CE output is set to LO.
165
Audio ICs
BU2624AF
Explanation of the data (1) Division data: For D0 through D15 (When S = 1, use D4 through D15.)
(2)
(3) (4)
CT: Frequency measurement beginning data 1: Begins measurement. 0: Resets internal counter, IF1 and IF2 go to pul down. Output port control data: P0, P1, P2, P3, P4 PL PH: Control of charge pump output PH = 0, PL = 0 PLL operation PH = 0, PL = 1 PD1 PD2 LO level PH = 1, PL = 0 PD1 PD2 HI level PH = 1, PL = 1 PD1 PD2 LO level
(5)
R0, R1, R2, standard frequency data
(6) S: switch between FMIN and AMIN 0: FMIN 1: AMIN (7) PS: If this bit is set to ON while AMIN is selected, swallow counter division is possible. (8) IFS: Selection between IF1 and IF2 during IF count 0: IF1 1: IF2 (9) GT: Frequency measurement time and unlock detection ON / OFF
(10) TS: Test data (0) is input
166
Audio ICs
Frequency counter (1) Structure
BU2624AF
(2) How the frequency counter operates When control data CT equals 1, the 20-bit counter and the amp go into operation. When CT equals 0, amp input goes to pulldown and the counter is reset. Measuring time (gate pulse) is selected (8 ms / 16 ms) on the basis of control data GT. When control data CT equals 0, the counter is reset.
(3) Explanation of output data D0: LSB D19: MSB Unlock detection When control data GT equals 1, or CT equals 1, the unlock detection circuit goes into operation for 8ms. When CT equals 1, the unlock detection circuits stops operating before the frequency counter gate pulse is emitted. When CT equals 0, or GT equals 0, the unlock detection circuit is reset.
167
Audio ICs
BU2624AF
Frequency counter and unlock detection (1) When CT = 1: Frequency count and unlock detection are carried out.
(2)
When CT = 0 and GT = 1: Only unlock detection is carried out.
Explanation of CD terminal When frequency measurement or unlock detection is finished, the CD terminal goes to LO to indicate that the count and unlock detection have finished. It also synchronizes with CK to output counter data. When the next data is input, it goes to HI.
168
Audio ICs
FExternal dimensions (Units: mm)
BU2624AF
169


▲Up To Search▲   

 
Price & Availability of BU2624

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X